ATS-15D-83-C2-R0
AI

### ATS-15D-83-C2-R0: Product Overview and Specifications
The **ATS-15D-83-C2-R0** is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for efficient heat dissipation in electronic components, particularly Integrated Circuits (ICs) and CPUs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance (Flowing)** | 1.62 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.99 °C/W @ 0 LFM |
| **Dimensions (L x W x H)** | 30mm x 30mm x 30mm |
| **Fins** | Cross-Cut (Square/Pin Fin) |
---
### 2. Component Analysis
#### A. Thermal Management Design
* **Fin Pattern:** The part features a **cross-cut** (square fin) pattern. This design allows for multidirectional airflow, making it ideal for systems where the airflow direction might be inconsistent or turbulent.
* **Material:** Made from high-grade aluminum, which provides a balance between lightweight construction and high thermal conductivity.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase change material or similar high-performance grease to ensure minimal air gaps between the heat source and the sink.
#### B. Mechanical Attachment (pushPIN™)
The "pushPIN™" system is the core mechanical feature:
* **Springs:** Utilizes a compression spring to ensure even pressure across the surface of the component.
* **Hole Pattern:** Designed for a specific pitch (distance between holes) on the PCB to allow for easy tool-free or low-tool installation.
* **Hardware:** Includes a flexible selection of plastic or brass push-pins depending on the specific sub-variant.
---
### 3. Applications
This heat sink is commonly used for:
1. **Networking Hardware:** Routers, switches, and modems.
2. **Industrial PCs:** Compact computing units that require passive or semi-passive cooling.
3. **Power Supplies:** Cooling voltage regulators or MOSFETs.
4. **Embedded Systems:** Microcontrollers and SoCs (System on Chips) that run at high frequencies.
---
### 4. Dimensional Drawing (Reference)
```text
[ 30mm ]
+-----------+
| | | | | [ 30mm ]
| | | | |
+-----------+
Height: 30mm (C-Dimension)
```
- ⤷
What is the significance of the 'C2' suffix in the ATS part numbering system?
- ⤷ How does the cross-cut fin design compare to straight fin designs in terms of airflow?
- ⤷ What are the recommended PCB hole sizes for the pushPIN attachment?