công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-15D-82-C2-R0

  • AI
    The **ATS-15D-82-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** from the "maxiFLOW" series. --- ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics essential for PCB design and thermal relief. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance (LFM 200)** | 10.79 °C/W | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Base Shape** | Square | | **Finish** | Blue Anodized | --- ### 2. Core Electronic Components & Features #### A. pushPIN™ Attachment System This part uses a specialized mounting mechanism consisting of: * **Spring-loaded Pins:** These ensure a consistent and high-pressure interface between the heat sink and the electronic component (CPU, FPGA, or MOSFET). * **Compression Springs:** They provide the precise amount of force required to keep the heat sink stable under vibration or thermal expansion. #### B. maxiFLOW™ Fin Design The fin geometry is designed to maximize surface area and promote **forced air cooling**. Unlike standard straight-fin heat sinks, the maxiFLOW design features a spread-fin pattern that reduces pressure drop and increases the turbulence of the air passing through, improving heat dissipation efficiency. #### C. Thermal Interface Material (TIM) The "R0" suffix typically indicates the inclusion of a pre-applied **Thermal Interface Material**. This material fills microscopic air gaps between the heat sink base and the electronic chip, significantly lowering the thermal resistance of the assembly. --- ### 3. Application Use Cases This specific heat sink is commonly used in high-density electronic environments such as: 1. **Telecommunications:** Cooling of high-speed network processors. 2. **Power Supplies:** Managing heat in compact DC-DC converters. 3. **Embedded Systems:** Protecting FPGAs or SoCs from thermal throttling in industrial computers. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish on this heat sink?
    • ⤷ How does the pushPIN™ system compare to adhesive thermal tapes?
    • ⤷ What air flow conditions are required to achieve the 10.79 °C/W rating?