công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-15D-34-C2-R0

  • AI
    The **ATS-15D-34-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their **blueICE™** high-performance heat sink series, designed primarily for cooling BGA (Ball Grid Array) components. --- ## 1. Technical Specifications The part number encodes specific physical and material properties. Here is the breakdown: | Parameter | Specification | | :--- | :--- | | **Component Type** | Heat Sink | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 45mm x 45mm | | **Height** | 25mm | | **Material** | Aluminum (6063-T5) | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 0.67 °C/W (at 600 LFM) | | **Finish** | Blue Anodized | --- ## 2. Key Electronic & Physical Features ### A. pushPIN™ Attachment System The "C2" in the part number indicates a specific attachment kit. This system replaces traditional adhesive tapes with a mechanical fastener: * **Precision Springs:** Provides consistent pressure to ensure optimal thermal interface material (TIM) contact. * **Pre-drilled Holes:** Designed to fit specific PCB hole patterns to prevent component shifting. ### B. Material and Thermal Conductivity * **Aluminum 6063-T5:** Offers high thermal conductivity while remaining lightweight, which is crucial for preventing PCB stress. * **Blue Anodized Coating:** This is not just aesthetic; the anodization increases surface emissivity and provides corrosion resistance and electrical insulation. ### C. Thermal Performance (Flow Rate) The effectiveness of this part depends on the airflow (measured in Linear Feet per Minute - LFM): * **Low Flow (200 LFM):** ~1.75 °C/W * **High Flow (800 LFM):** ~0.60 °C/W --- ## 3. Applications This part is commonly used in high-heat density electronic environments: 1. **Networking Hardware:** Switches, routers, and high-speed modems. 2. **Embedded Systems:** Industrial PCs and controllers. 3. **Telecommunications:** Base station power modules. --- ## 4. Part Number Breakdown ```text ATS - 15 D - 34 - C2 - R0 | | | | | | | | | +-- Revision Code | | | +------- Attachment & TIM Kit (pushPIN™) | | +------------ Height / Fin Configuration | +----------------- Fin Pitch/Style +----------------------- Advanced Thermal Solutions (Manufacturer) ```
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN™ attachment on this model?
    • ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
    • ⤷ Is this heat sink compatible with standard 45mm BGA components from other manufacturers?