ATS-15B-75-C3-R0
AI

The **ATS-15B-75-C3-R0** is a specific part number for a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the "blue ice" or "maxiFLOW™" product line, designed primarily for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15B-75-C3-R0 |
| **Product Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Interface Material (TIM)** | T412 (Phase Change) |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
---
### 2. Physical Design and Construction
* **Heat Sink Geometry:** This part typically features a "Cross-Cut" or "Straight Fin" design. The high-profile height (30mm) allows it to dissipate significant heat in space-constrained layouts where vertical clearance is available.
* **Material:** It is made of Aluminum, which provides a good balance between weight, thermal conductivity, and cost.
* **The Blue Anodization:** The blue coating is not just for aesthetics; it provides a protective layer against corrosion and slightly improves radiant heat emissivity.
---
### 3. Key Electronic/Mechanical Features
#### A. pushPIN™ Attachment System
The "R0" at the end of the part number signifies the specific mounting hardware. The **pushPIN™** system uses a brass or plastic pin with a high-tension spring.
* **Benefit:** Ensures consistent pressure on the electronic component, which optimizes heat transfer.
* **Reliability:** It is more secure than simple "peel-and-stick" thermal tape, especially in high-vibration environments.
#### B. Thermal Interface Material (T412)
The unit comes pre-applied with **T412**.
* **Function:** T412 is a high-performance thermal pad that fills microscopic air gaps between the component surface and the heat sink base.
* **Advantage:** Pre-application ensures the correct amount of material is used, preventing assembly errors in manufacturing.
#### C. Airflow Efficiency
The "maxiFLOW™" design features a flared fin structure. This increases the surface area and encourages more efficient airflow through the fins, reducing the "pressure drop" compared to standard block heat sinks.
---
### 4. Applications
This part is commonly used on:
* **Network Switches/Routers:** For cooling high-speed processors.
* **Embedded Systems:** Industrial PCs where fans might fail and passive/active cooling is critical.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
---
- ⤷
What are the thermal resistance values for this heat sink under different airflow speeds?
- ⤷ How does the pushPIN mounting system compare to BGA spring clips?
- ⤷ Are there lower profile versions of this heat sink for 1U server chassis?