công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-15B-147-C2-R0

  • AI
    The **ATS-15B-147-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blueICE" series, specifically designed for cooling electronic components like CPUs, GPUs, and high-power chipsets. --- ## 1. Technical Specifications The part number encodes specific data regarding its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | push-PIN (Plastic) | | **Spring Type** | Compression Spring | | **Fin Style** | Straight (optimized for airflow) | | **Thermal Resistance** | ~13.50 °C/W (Unducted Flow @ 200 LFM) | --- ## 2. Dimensional Data This heat sink is designed for specific board layouts and component sizes. * **Length (mm):** 30.00 * **Width (mm):** 30.00 * **Height (mm):** 10.00 * **Hole Pattern (Pitch):** 35.00 mm (diagonal/linear depending on board layout) --- ## 3. Key Electronic Functions While the part is mechanical, its role in an electronic circuit is critical for **Thermal Management**: ### A. Heat Dissipation The "C2" in the part number indicates the specific thermal performance grade. It draws heat away from the semiconductor junction to prevent **thermal throttling** or permanent hardware failure. ### B. EMI Shielding Support Though its primary function is cooling, the aluminum body and blue anodized finish provide a level of structural shielding. When grounded correctly, large heat sinks can help mitigate electromagnetic interference (EMI) from high-speed processors. ### C. Attachment Reliability (push-PIN) Unlike adhesive-based heat sinks, the `ATS-15B-147-C2-R0` uses a push-pin mechanism. * **Consistency:** Ensures uniform pressure across the thermal interface material (TIM). * **Durability:** Better suited for high-vibration environments compared to thermal tape. --- ## 4. Thermal Performance Table *Estimated performance based on airflow (LFM - Linear Feet per Minute):* | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 | 18.0 | | 200 | 13.5 | | 300 | 11.2 | | 400 | 10.0 | ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal interface materials for this heat sink?
    • ⤷ How do I calculate if the 10mm height is sufficient for my power load?
    • ⤷ What is the difference between blue anodized and black anodized versions of this part?