công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-15B-142-C2-R0

  • AI
    The **ATS-15B-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series and is designed for electronic components requiring efficient thermal management, such as BGAs (Ball Grid Arrays). ### 1. Component Specifications The following table outlines the physical and thermal properties of this specific part: | Attribute | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-15B-142-C2-R0 | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 10.07°C/W (at 100 LFM) | --- ### 2. Key Features and Materials The "Electronic Parts" aspect of this component relates to how it interacts with semiconductors and PCB layouts: * **Thermal Interface Material (TIM):** This specific model typically comes with **T766**, a high-performance thermal pad or grease pre-applied to the base to ensure minimal air gaps between the chip and the heat sink. * **Push-Pin Attachment:** Unlike adhesive-based heat sinks, the `pushPIN™` system uses a flexible spring-loaded mechanism. This ensures constant pressure for better thermal transfer and allows for secure mounting even in high-vibration environments. * **Material Science:** The use of **6063 Aluminum** provides a high strength-to-weight ratio and excellent thermal conductivity. The Blue Anodized finish is not just aesthetic; it increases emissivity and provides surface protection against corrosion. --- ### 3. Thermal Performance Data Performance varies based on the airflow (Linear Feet per Minute) within the electronic enclosure: | Airflow Velocity | 100 LFM (0.5 m/s) | 300 LFM (1.5 m/s) | 500 LFM (2.5 m/s) | | :--- | :--- | :--- | :--- | | **Thermal Resistance** | 10.07 °C/W | 5.82 °C/W | 4.64 °C/W | --- ### 4. Technical Nomenclature Breakdown The part number follows a specific logic: * **ATS:** Advanced Thermal Solutions. * **15:** Indicates the series or specific design line. * **142:** Refers to the specific dimensions/footprint configuration. * **C2:** Indicates the material and finish (Aluminum, Blue Anodized). * **R0:** Revision code for the product.
    ✨ Follow-up Questions
    • ⤷What are the mounting hole requirements for the pushPIN system on a PCB?
    • ⤷ How does blue anodization compare to black anodization in terms of thermal emissivity?
    • ⤷ Is this heat sink compatible with standard BGA components of 27x27mm or 31x31mm?