ATS-15B-07-C2-R0
AI

The **ATS-15B-07-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *pushPIN™* series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic application properties.
---
### 1. General Specifications
This part is designed for high-density electronic cooling where airflow is provided by a fan or system ventilation.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Part Number** | ATS-15B-07-C2-R0 |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pegs) |
---
### 2. Physical Dimensions
The dimensions are critical for determining PCB real estate and clearance for surrounding capacitors or inductors.
| Dimension | Value |
| :--- | :--- |
| **Length/Width** | 45.00 mm x 45.00 mm |
| **Height** | 12.00 mm (Low profile) |
| **Fin Pitch** | COARSE-PITCH |
| **Fin Pattern** | XCUT |
| **Hole Spacing** | 38.00 mm |
---
### 3. Thermal Performance
Thermal resistance indicates how effectively the part moves heat away from the semiconductor (CPU, GPU, or MOSFET).
* **Thermal Resistance (Unducted):** 17.00 °C/W @ 100 LFM (Linear Feet per Minute)
* **Thermal Resistance (Ducted):** 2.46 °C/W @ 200 LFM
* **Heat Transfer:** Designed for optimal performance in both natural convection and forced air environments.
---
### 4. Key Electronic Features
* **XCUT Fin Design:** The "XCUT" geometry allows for multi-directional airflow, making it ideal for electronic enclosures where the airflow direction might be inconsistent or obstructed.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied thermal phase-change material, ensuring a low-resistance thermal path between the chip and the aluminum.
* **Attachment Hardware:** It utilizes a brass or plastic push-pin with a stainless steel spring. This provides a precise "compression force" (calculated at the factory) to prevent damaging delicate silicon dies while maintaining high contact pressure.
---
### 5. Application Example
```yaml
Application: Power Supply Units (PSUs), Small Form Factor PCs, or Network Switches.
Component Target: BGA (Ball Grid Array) chips or high-power MOSFETs.
Purpose: To keep the junction temperature (Tj) below the manufacturer's threshold (typically 100°C - 125°C).
```
---
- ⤷
What is the difference between XCUT and straight fin designs in thermal management?
- ⤷ How do I calculate if the 17.00 °C/W resistance is sufficient for my 10W chip?
- ⤷ Are there alternative attachment methods if my PCB doesn't have pre-drilled holes?