công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-15A-151-C2-R0

  • AI
    The **ATS-15A-151-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like processors, ASICs, and chipsets. --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Type** | pushPIN™ | | **Dimensions (L x W)** | 35.00 mm x 35.00 mm | | **Height** | 20.00 mm | | **Pitch** | Fine-Pitch | | **Pattern** | Straight Fin | | **Weight** | ~10 grams | --- ### 2. Electronic Application & Functionality While the heat sink itself is a mechanical component, it is critical for the stability of electronic systems. Its "electronic" role involves: * **Thermal Management:** It increases the surface area of a semiconductor package, allowing heat to dissipate into the surrounding air more effectively. * **Performance Stability:** By preventing "thermal throttling," it allows high-speed CPUs and GPUs to maintain their maximum clock speeds. * **Component Longevity:** Reducing the operating temperature of electronic junctions significantly extends the Mean Time Between Failures (MTBF). --- ### 3. Key Design Features * **pushPIN™ Attachment:** This system uses a flexible, spring-loaded mechanism that ensures precise pressure is applied to the electronic chip. This optimizes thermal contact while preventing mechanical damage to the PCB. * **Fine-Pitch Fin Design:** The "Straight Fin" geometry is optimized for high-velocity airflow environments (active cooling with fans). * **Pre-Applied Thermal Interface Material (TIM):** This part usually comes with high-performance thermal grease or a pad pre-applied to the base, ensuring a low-resistance thermal path between the chip and the aluminum. --- ### 4. Part Number Breakdown (Nomenclature) | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Manufacturer) | | **15A** | Part Series / Attachment Type | | **151** | Specific Geometric Configuration | | **C2** | Thermal Performance Grade / Material | | **R0** | RoHS Compliant / Revision Status |
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole patterns for the pushPIN attachment system?
    • ⤷ How does the 'C2' thermal grade compare to 'C1' or 'C3' in this series?
    • ⤷ Is this heat sink suitable for natural convection (fanless) cooling?