ATS-14F-47-C2-R0
AI

The **ATS-14F-47-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is not an active electronic chip (like a processor), but a passive thermal management component known as a **Heat Sink**.
---
## 1. Component Identification
This part belongs to the **pushPIN™** Heat Sink Assembly series, designed for high-performance cooling of electronic components like CPUs, GPUs, or FPGAs.
### Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | ~9.30°C/W (at 100 LFM) |
---
## 2. Physical Dimensions
The part is characterized by its compact size and specific geometry to maximize surface area for heat dissipation.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length** | 25.00 mm |
| **Width** | 25.00 mm |
| **Height** | 25.00 mm |
| **Hole Spacing** | 30.00 mm |
---
## 3. Detailed Part Number Breakdown
The part number follows a specific nomenclature that describes its physical properties:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **14**: Heat sink series (Straight Fin).
* **F**: Fine pitch (Fin density).
* **47**: Size/Design code.
* **C2**: Thermal Interface Material (TIM). In this case, it usually refers to **T766** (a high-performance thermal grease).
* **R0**: RoHS compliance status (Lead-free).
---
## 4. Key Features & Applications
### Features
* **Efficient Airflow:** The straight-fin design allows for multi-directional airflow, making it versatile for different fan orientations.
* **Push-Pin Mounting:** Uses a spring-loaded push-pin mechanism that provides the necessary pressure for optimal thermal contact without requiring screws.
* **Pre-applied TIM:** Comes with a pre-applied thermal interface material to simplify the assembly process.
### Applications
* **Embedded Systems:** Cooling microcontrollers or small processors.
* **Telecommunications:** Used in routers and switches.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷
What are the different push-pin material options for this series?
- ⤷ How do I calculate the thermal resistance for a specific airflow (LFM)?
- ⤷ Is there a copper version of this heat sink for higher conductivity?