ATS-14F-40-C2-R0
AI

The **ATS-14F-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "maxiFLOW™" series, designed for high-density cooling requirements.
---
### 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Part Number** | ATS-14F-40-C2-R0 |
| **Heat Sink Type** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
| **Thermal Resistance** | 14.56°C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Attachment Material** | Steel, Brass, Plastic |
---
### 2. Physical Design Features
* **Fin Configuration:** It features a "Cross-Cut" or "Straight Fin" design (depending on the specific revision), optimized for airflow in specific directions to maximize heat dissipation.
* **pushPIN™ Technology:** This part utilizes a proprietary attachment system. It uses a spring-loaded mechanism that ensures consistent pressure between the heat sink and the component (like a BGA or CPU), improving thermal transfer.
* **Blue Anodized Coating:** The blue surface treatment isn't just aesthetic; it provides corrosion resistance and increases surface emissivity for better radiant heat transfer.
---
### 3. Thermal Performance (Deg C/W)
The effectiveness of this heat sink depends heavily on the velocity of the air passing through it (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 | 200 | 400 | 600 | 800 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 14.56 | 6.63 | 3.61 | 2.59 | 2.11 |
---
### 4. Application and Use-Cases
This component is typically found in:
* **Integrated Circuits (ICs):** Cooling for FPGAs, ASICs, or high-end processors.
* **Telecommunications:** Equipment where vertical space is constrained but airflow is available.
* **Embedded Systems:** Industrial PCs or networking hardware where reliable physical attachment (via pushPIN) is required to withstand vibration.
---
### 5. Part Number Decoding
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **14:** Series/Family
* **F:** Fin profile/Material
* **40:** Dimension code (Length)
* **C2:** Thermal performance/Clip type
* **R0:** ROHS compliance and versioning
- ⤷
What are the different types of pushPIN attachments available for this series?
- ⤷ How does the blue anodized finish compare to black anodized in terms of thermal performance?
- ⤷ What is the recommended TIM (Thermal Interface Material) for this specific heat sink?