ATS-14F-34-C2-R0
AI

The **ATS-14F-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
|:---|:---|
| **Part Number** | ATS-14F-34-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 47.60mm x 38.00mm x 22.90mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 6.73°C/W (at 200 LFM) |
| **Fins** | High-density vertical fins |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Design Elements
#### A. Thermal Interface Material (TIM)
This specific model comes pre-applied with **T766 phase-change material**.
* **Purpose:** Fills microscopic air gaps between the component surface and the heat sink base to maximize heat transfer.
* **Efficiency:** It outperforms standard thermal pads in high-power applications.
#### B. pushPIN™ Attachment
Unlike adhesive-based heat sinks, the "R0" series uses a mechanical attachment system.
* **Hardware:** Includes a brass or plastic pin and a compression spring.
* **Benefit:** Provides consistent pressure (force) across the component for better thermal contact and allows for easy removal/rework without damaging the PCB.
#### C. maxiFLOW™ Geometry
The "F" in the part number indicates a specific fin profile.
* **Design:** Features a tapered fin design that maximizes surface area while reducing pressure drop.
* **Airflow:** It is optimized for forced-air cooling environments (where fans are present).
---
### 3. Application Use Cases
The ATS-14F-34-C2-R0 is typically used in industrial and high-reliability electronics:
* **Networking:** Switches and routers where high-speed chips generate significant heat.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs or power conversion modules.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Series/Family.
* **F:** Fin profile (maxiFLOW).
* **34:** Specific footprint/size code.
* **C2:** Material/Finish (Blue Anodized Aluminum).
* **R0:** Revision/Packaging code (includes specific TIM and pushPIN hardware).
- ⤷
What are the different pushPIN material options for this series?
- ⤷ How does the thermal resistance change at higher airflow (LFM)?
- ⤷ Is there a low-profile version of this heat sink for 1U rack applications?