ATS-14F-142-C2-R0
AI

The **ATS-14F-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "Blue Ice" series, specifically designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ (Plastic/Brass Pins) |
| **Material** | Aluminum (AL6063) |
| **Thermal Resistance** | 10.07 °C/W (at 100 LFM) |
| **Color/Finish** | Blue Anodized |
---
### 2. Physical Design and Components
This heat sink is engineered to optimize heat dissipation in confined spaces.
* **Fin Geometry:** It features a straight-fin design, which is ideal for systems where airflow is directed linearly across the heat sink.
* **Push-Pin Attachment:** The `14F` designation indicates the specific hole pattern and push-pin mechanism. This allows for a secure, tool-free installation that provides consistent pressure on the electronic component.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase change material, ensuring efficient heat transfer from the chip to the aluminum base.
---
### 3. Application & Performance
The **C2** in the part number indicates a specific performance profile and material grade (Blue Anodized Aluminum).
* **High Efficiency:** It is designed for components requiring medium-level cooling in airflow-rich environments (like servers or telecommunications equipment).
* **Thermal Performance:**
* **Unducted Flow:** 10.07 °C/W at 100 LFM (Linear Feet per Minute).
* **Ducted Flow:** 3.17 °C/W at 100 LFM.
* **Environmental Compliance:** It is fully **RoHS** (Restriction of Hazardous Substances) and **REACH** compliant.
---
### 4. Part Number Breakdown
To understand variations of this part, here is how the code is structured:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14F:** Attachment style and hole pattern.
* **142:** Heat sink size/geometry code.
* **C2:** Material/Finish (Aluminum/Blue Anodized).
* **R0:** Packaging/Revision code.
- ⤷
What are the specific mounting hole dimensions for the ATS-14F-142-C2-R0?
- ⤷ How does the 'C2' blue anodized finish compare to a 'C1' finish?
- ⤷ What are the alternative thermal interface materials available for this model?