ATS-14D-159-C1-R0
AI

The **ATS-14D-159-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-14D-159-C1-R0 |
| **Product Category** | Heat Sinks |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 2.07°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
---
### 2. Design Characteristics
The "C1" in the part number indicates the specific thermal performance and material configuration, while the "R0" typically refers to the revision or packaging style.
* **Heat Sink Type:** It features a **Square** profile with a **Fine Pitch** fin design, optimized for high-airflow environments.
* **pushPIN™ Attachment:** This is a specialized mounting mechanism that provides a consistent, high-pressure fit against the component, ensuring maximum heat transfer across the Thermal Interface Material (TIM).
* **Blue Anodized Coating:** The blue finish is not just aesthetic; anodizing increases the surface emissivity, slightly improving radiation cooling and protecting the aluminum from corrosion.
---
### 3. Thermal Performance Analysis
The efficiency of this heat sink is measured by its **Thermal Resistance**. Lower values indicate better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 2.07 |
| 2.0 m/s (400 LFM) | 1.43 |
| 3.0 m/s (600 LFM) | 1.23 |
---
### 4. Typical Applications
This component is commonly found in:
1. **Networking Hardware:** Routers, switches, and gateways where CPUs generate significant heat.
2. **Industrial PCs:** Compact systems requiring passive or active cooling in tight enclosures.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the benefits of the pushPIN™ mounting system over traditional adhesive tape?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's longevity?
- ⤷ Can this heat sink be used with a cooling fan for active thermal management?