ATS-13F-71-C2-R0
AI

The **ATS-13F-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" line designed for efficient cooling of semiconductor devices.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Product Type** | Heat Sink (BGA/Chipset) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 6.67°C/W (at 100 LFM) |
| **Fin Pattern** | Straight Fin |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
## Key Components and Design Features
### 1. Attachment Mechanism (pushPIN™)
This part utilizes a specific attachment system consisting of:
* **Brass Pins:** To secure the heat sink to the PCB.
* **Stainless Steel Springs:** Provide a precise, consistent compression force to ensure optimal contact between the chip and the heat sink.
### 2. Thermal Interface Material (TIM)
The model number suffix **C2** indicates that the part comes pre-applied with **T766 thermal grease**. This eliminates the need for manual application, reducing assembly time and ensuring a high-quality thermal bond.
### 3. Thermal Performance
The efficiency of this heat sink varies based on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.67 |
| 300 (1.5 m/s) | 2.22 |
| 500 (2.5 m/s) | 1.55 |
---
## Common Applications
These heat sinks are typically used in environments where space is constrained but high thermal dissipation is required, such as:
* **Networking Hardware:** Switches, routers, and gateways.
* **Industrial PCs:** High-load CPUs and GPUs.
* **Power Supplies:** Cooling voltage regulators and power MOSFETs.
* **Embedded Systems:** Medical devices and automotive control units.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the T766 thermal interface material compare to phase-change materials?
- ⤷ Are there alternative fin patterns available for this specific size (45x45mm)?