ATS-13F-32-C2-R0
AI

The **ATS-13F-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Series** | maxiFLOW™ |
| **Thermal Resistance** | 3.17°C/W (Unducted Flow @ 200 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 57.9mm x 60.96mm |
| **Height** | 12.7mm |
---
### 2. Design and Component Breakdown
#### A. The Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, this model uses a **tapered fin design**. This geometry is engineered to:
* Increase surface area for heat exchange.
* Maximize airflow through the fin field.
* Reduce pressure drop across the heat sink.
#### B. The Attachment Mechanism (pushPIN™)
The "R0" suffix often indicates the inclusion of the **pushPIN™** assembly. This includes:
* **Brass/Plastic Pins:** Used to secure the sink to the PCB.
* **Compression Springs:** Provides precise "Firm-to-PCB" pressure to ensure optimal thermal interface contact.
* **Attachment Holes:** Requires pre-drilled holes in the motherboard/PCB.
#### C. Thermal Interface Material (TIM)
The "C2" designation typically refers to the thermal performance or the specific thermal interface material applied to the base.
* It ensures there are no microscopic air gaps between the heat source (chip) and the aluminum base.
---
### 3. Application Use Cases
This specific part is used in environments where vertical space is limited (due to its 12.7mm height) but high thermal dissipation is required:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Computing:** Industrial PC boards.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
---
### 4. Part Number Decoder
A quick breakdown of the ATS nomenclature for this part:
* **ATS:** Advanced Thermal Solutions.
* **13:** Series/Category identifier.
* **F:** Fin style/pitch.
* **32:** Specific size/footprint code.
* **C2:** Thermal performance/material coating level.
* **R0:** Revision/Packaging/Mounting kit version.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the 'C2' thermal material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?