ATS-13F-24-C2-R0
AI

The **ATS-13F-24-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin style heat sink** designed for cooling integrated circuits (ICs) and other electronic components.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height** | 20.00mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 8.37°C/W (at 100 LFM) |
---
## Key Components and Design Features
### 1. The Heat Sink Body
The body is manufactured from high-quality aluminum, which provides excellent thermal conductivity while remaining lightweight. The **Blue Anodized** finish is not just aesthetic; it increases the surface emissivity, slightly improving radiation heat transfer and providing corrosion resistance.
### 2. Fin Configuration
This model utilizes a **Fine Pitch** or **Cross-Cut** design. This allows for:
* Increased surface area in a compact footprint.
* Multi-directional airflow compatibility, making it efficient regardless of the orientation of the cooling fan.
### 3. Attachment Mechanism (Push-Pin)
The "Push-Pin" assembly consists of:
* **Plastic Pins:** Designed to snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Compression Springs:** These provide consistent pressure between the heat sink and the component, ensuring a tight thermal interface.
### 4. Thermal Interface Material (TIM)
The part typically comes with a **pre-applied thermal interface material** (often a high-performance phase-change material or thermal pad) on the base. This fills microscopic air gaps between the heat sink and the chip to maximize heat transfer.
---
## Deciphering the Part Number
The part number follows a specific nomenclature used by ATS:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **13:** Series number.
* **F:** Fin Type (Fine pitch).
* **24:** Size/Length designation.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or RoHS compliance status.
---
## Applications
This part is commonly used in high-heat environments such as:
* **Networking Gear:** Routers and switches.
* **Embedded Systems:** Industrial PCs.
* **Power Electronics:** Voltage regulators and power modules.
- ⤷What are the specific hole patterns required for the ATS-13F-24-C2-R0 on a PCB?
- ⤷ How does the thermal resistance of this heat sink change at higher airflow speeds?
- ⤷ Are there variations of this model with metal push-pins instead of plastic?