ATS-13F-153-C2-R0
AI

The **ATS-13F-153-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW™" series, designed to optimize airflow and heat dissipation for high-heat electronic components like BGA (Ball Grid Array) packages.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Blue Anodized Aluminum |
| **Thermal Resistance** | 4.05°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 40mm x 40mm |
| **Height** | 20mm |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Spring Type** | Stainless Steel Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design and Construction
The design of this heat sink is specialized for efficiency in constrained spaces:
* **maxiFLOW™ Fin Geometry:** The fins are spread in a specific pattern to increase the surface area while minimizing pressure drop. This allows air to move through the fins more effectively than standard straight-fin designs.
* **Aluminum Construction:** Lightweight with high thermal conductivity. The **Blue Anodized** finish provides a protective layer against corrosion and slightly improves radiant heat transfer.
* **pushPIN™ Attachment:** This model uses a mechanical mounting system consisting of a pin and spring. This ensures consistent pressure between the heat sink and the chip, which is critical for thermal performance.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the device moves heat away from the component. Lower values are better.
* **@ 1.0 m/s (200 LFM):** 4.05 °C/W
* **@ 2.0 m/s (400 LFM):** 2.59 °C/W
* **@ 3.0 m/s (600 LFM):** 2.15 °C/W
---
### 4. Application and Compatibility
This part is typically used for cooling:
* **Processors (CPUs/GPUs):** Small form factor chips.
* **FPGAs & ASICs:** High-speed logic devices that generate significant heat.
* **Telecommunications Equipment:** Where reliable, long-term cooling is required in enclosed rack systems.
---
- ⤷
What are the benefits of using a pushPIN attachment over adhesive thermal tape?
- ⤷ How does the 'T766' thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?