ATS-13F-129-C2-R0
AI

### Overview of ATS-13F-129-C2-R0
The **ATS-13F-129-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink designed for cooling integrated circuits (ICs), such as processors, FPGAs, and ASICs.
---
### Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with springs) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
| **Thermal Resistance (Flowing)** | 1.15 °C/W (@ 200 LFM) |
| **Thermal Resistance (Static)** | 2.86 °C/W |
| **Fin Style** | Fine Pitch (Rectangular) |
---
### Key Electronic & Physical Components
#### 1. Heat Sink Body
The part is made of **Aluminum 6063**, which offers high thermal conductivity. The "C2" in the part number indicates a **Blue Anodized** finish, which increases surface emissivity and provides corrosion resistance.
#### 2. pushPIN™ Attachment System
Instead of using messy adhesives or weak tape, this part uses a mechanical push-pin system. This ensures:
* **Constant Pressure:** The springs maintain uniform contact between the heat sink and the chip.
* **Reliability:** It is more resistant to vibration and thermal expansion than adhesive-based solutions.
#### 3. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the heat sink comes with a **pre-applied Thermal Interface Material** (usually a high-performance phase-change material or grease). This eliminates the air gap between the component and the heat sink, significantly improving heat transfer.
---
### Performance Data
Thermal management is measured by how effectively the part dissipates heat under different airflow conditions (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
|:---|:---|:---|
| 100 | 0.5 | 2.86 |
| 200 | 1.0 | 1.15 |
| 400 | 2.0 | 0.82 |
| 600 | 3.0 | 0.69 |
---
### Application Usage
This part is commonly used in:
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Server motherboards and GPU cooling.
* **Industrial:** Control systems where airflow is directed through a chassis.
- ⤷
What are the specific hole patterns required for this push-pin mounting?
- ⤷ How does the 'Fine Pitch' fin design compare to 'Cross-Cut' designs for airflow?
- ⤷ Are there alternative thermal interface materials available for this specific model?