ATS-13F-101-C2-R0
AI

The **ATS-13F-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series designed for cooling electronic integrated circuits (ICs).
---
### 1. Technical Specifications
Below are the key electronic and physical specifications for this part:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-13F-101-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight (Fine Pitch) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Fin Finish** | Blue Anodized |
| **TIM (Thermal Interface Material)** | T766 (High Performance) |
---
### 2. Component Dimensions
Precise physical sizing is critical for ensuring clearance on a Printed Circuit Board (PCB).
* **Width/Length:** 45.00 mm x 45.00 mm
* **Height:** 30.00 mm (Off the PCB)
* **Pitch (Mounting):** 38.00 mm
---
### 3. Key Electronic Features
* **Thermal Efficiency:** This heat sink is engineered for high-density electronic packaging. The "C2" designation refers to the specific blue anodized finish and thermal performance rating.
* **Push-Pin Attachment:** Instead of using adhesives or solder, this uses a spring-loaded push-pin mechanism. This provides constant pressure (preload) for better thermal contact and allows for easy removal/rework without damaging the PCB.
* **Pre-applied TIM:** It comes with **T766** thermal interface material already applied to the base, ensuring consistent heat transfer from the processor or component to the aluminum fins.
---
### 4. Typical Applications
This part is commonly used to cool the following electronic components:
1. **CPUs and GPUs:** Medium-power embedded processors.
2. **FPGAs (Field Programmable Gate Arrays):** High-speed logic chips that generate significant heat.
3. **ASICs:** Application-specific integrated circuits in networking or telecommunications equipment.
- ⤷
What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate the thermal resistance required for my specific chip?
- ⤷ Are there alternative mounting options if my PCB doesn't support push-pins?