ATS-13D-97-C2-R0
AI

The **ATS-13D-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
Below is the technical breakdown of the part based on its manufacturer specifications:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 20.30°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Compatibility** | Universal (Standard PCB hole patterns) |
---
## 2. Key Component Features
### A. pushPIN™ Attachment System
This part utilizes the proprietary **pushPIN™** system. Instead of using messy adhesives or complicated screw mounts, it uses a spring-loaded pin mechanism.
* **Benefit:** Provides consistent pressure across the thermal interface material (TIM), ensuring optimal heat transfer.
* **Reliability:** Reusable and prevents over-tightening which could damage the PCB.
### B. Material and Coating
* **Aluminum Construction:** Offers a balance between weight, cost, and thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; anodizing increases the surface emissivity and protects the aluminum from corrosion.
### C. Low Profile Design
With a height of only **10.00mm**, this heat sink is considered "low profile." It is ideal for space-constrained applications like:
* 1U Servers.
* Embedded computing boards.
* Small Form Factor (SFF) workstations.
---
## 3. Thermal Performance (Deg C/W)
The efficiency of the heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 20.30 | 8.90 | 5.30 | 4.10 |
*Note: Higher airflow significantly reduces thermal resistance, meaning the device stays much cooler under active fan cooling.*
---
## 4. Part Number Breakdown (Nomenclature)
The part number **ATS-13D-97-C2-R0** follows a specific logic:
* **ATS:** Manufacturer prefix.
* **13:** Series/Attachment type.
* **D:** Pin material/configuration.
* **97:** Specific geometry/dimension code.
* **C2:** Thermal Interface Material (TIM) type (usually T766 phase-change material).
* **R0:** Revision/Packaging code.
- ⤷
How does the push-pin mounting compare to adhesive-based heat sinks?
- ⤷ What are the specific PCB hole requirements for this heat sink?
- ⤷ Can this heat sink be used with a 12V DC fan for active cooling?