ATS-13D-75-C3-R0
AI

The **ATS-13D-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-13D-75-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.57°C/W (at 200 LFM) |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Thermal Interface Material** | T412 (Pre-applied phase change material) |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment System
The "R0" at the end of the part number signifies the use of the **pushPIN™** system. This consists of:
* **Flexible Springs:** Provide a precise amount of pressure (compression) to ensure optimal contact between the heat sink and the component.
* **Plastic/Brass Push Pins:** Secure the heat sink directly into pre-drilled holes on the PCB (Printed Circuit Board).
#### B. Cross-Cut Fin Design
The fins on this model are "cross-cut," creating a grid of pins.
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, this design allows air to flow through the fins from any direction, making it ideal for enclosures with complex airflow patterns.
* **Increased Surface Area:** Maximizes the area available for convection cooling.
#### C. Thermal Interface Material (TIM)
The base of the heat sink comes pre-applied with **T412**. This is a high-performance thermal pad that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance compared to air.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify its specific electronic properties:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **13D:** Specific product series/family.
* **75:** Physical dimension code.
* **C3:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision and Attachment type.
---
### 4. Application Use-Cases
* **Embedded Systems:** Used on small-form-factor boards where space is tight.
* **Telecommunications:** Cooling high-speed data processing chips.
* **Power Supplies:** Managing heat in voltage regulators or MOSFETs.
---
- ⤷What is the difference between the T412 and other thermal interface materials?
- ⤷ How do I calculate if the 1.57°C/W thermal resistance is sufficient for my component?
- ⤷ What are the required PCB hole diameters for the pushPIN attachment?