ATS-13D-33-C2-R0
AI

The **ATS-13D-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" series designed for securing the cooling element directly to a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 17.42°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of Component Parts
The assembly is comprised of four main electronic/mechanical elements:
1. **The Heat Sink Body:** Made from aluminum for high thermal conductivity. The blue anodized finish provides corrosion resistance and increased emissivity.
2. **Push-Pins:** These are brass components that pass through pre-drilled holes in the PCB. They allow for tool-free installation and consistent pressure.
3. **Compression Springs:** Located on the push-pins, these ensure that the heat sink maintains firm, constant contact with the heat-generating component (like a BGA or CPU) to prevent air gaps.
4. **Thermal Interface Material (TIM):** The "C2" in the part number indicates the use of **T766 phase-change material**. This fills microscopic gaps between the chip and the heat sink to maximize heat transfer.
---
### 3. Part Number Decoding
Understanding the nomenclature helps in identifying the specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **13D** | Series / Product Family (Push-Pin type) |
| **33** | Dimension Code (35mm x 35mm) |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Typical Applications
This part is commonly used to cool high-heat electronic components such as:
* **Field Programmable Gate Arrays (FPGAs)**
* **Application Specific Integrated Circuits (ASICs)**
* **Microprocessors/CPUs**
* **Northbridge/Southbridge Chipsets**
- ⤷
What are the PCB hole requirements for the brass push-pins used in this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What is the weight of the ATS-13D-33-C2-R0 for vibration sensitive applications?