ATS-13B-83-C2-R0
AI

The **ATS-13B-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient heat dissipation in compact electronic systems.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-13B-83-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height (Height Off Base)** | 20.00 mm |
| **Fin Pitch** | Fine-Pitch |
| **Fin Pattern** | Straight |
---
### 2. Thermal Performance Data
Thermal resistance is measured based on the velocity of airflow (LFM - Linear Feet per Minute).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.57 |
| 200 (1.0 m/s) | 3.13 |
| 300 (1.5 m/s) | 2.02 |
| 400 (2.0 m/s) | 1.62 |
| 500 (2.5 m/s) | 1.41 |
---
### 3. Key Electronic/Mechanical Features
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** (a high-performance thermal grease) or similar, ensuring immediate contact efficiency between the heat sink and the component (CPU, GPU, or FPGA).
* **pushPIN™ Attachment:** Instead of messy adhesives, it uses a brass or plastic pin with a stainless steel spring. This provides a precise "clamping force" (measured in PSI) required for optimal thermal transfer without cracking the silicon die.
* **Cross-Cut/Straight Fin Design:** The fin geometry is optimized for high-density boards where airflow might be restricted, ensuring maximum surface area in a small footprint.
### 4. Application Use Cases
This part is commonly used to cool:
1. **High-speed Networking Chips** (Switches/Routers).
2. **Power Supplies** (VRMs/MOSFETs).
3. **Embedded Systems** where vertical space is limited to 20mm.
---
- ⤷
What are the compatible hole patterns for the pushPIN attachment on this model?
- ⤷ How does the Blue Anodized finish affect the thermal emissivity of the part?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material instead of the pre-applied T766?