công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-12F-85-C2-R0

  • AI
    The **ATS-12F-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed primarily for cooling integrated circuits (ICs) like BGA (Ball Grid Array) components. --- ## 1. Technical Specifications The following table summarizes the key physical and thermal properties of the device: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-12F-85-C2-R0 | | **Material** | Aluminum (Aluminum 6063) | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 10mm | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 24.98 °C/W (at 100 LFM) | | **Airflow Path** | Fine-Pitch (Straight Fin) | --- ## 2. Key Electronic & Mechanical Features ### A. The pushPIN™ Attachment System Unlike adhesive-based heat sinks, the "R0" suffix indicates the use of the **pushPIN™** system. This involves: - **Pre-drilled holes** in the PCB. - **Spring-loaded pins** that provide a consistent, high-pressure contact between the heat sink and the electronic component. - Improved mechanical stability under vibration or shock. ### B. Thermal Interface Material (TIM) The part comes pre-assembled with **Phase-Change Thermal Interface Material (T766)**. This material melts at operating temperatures to fill microscopic air gaps between the chip and the aluminum, significantly lowering thermal resistance. ### C. Fine-Pitch Fin Design The "12F" designation refers to a fine-pitch fin configuration. This is ideal for electronic environments where: * There is moderate to high airflow. * Vertical space is constrained (low profile height of 10mm). * Maximum surface area is required to dissipate heat from high-speed processors. --- ## 3. Applications in Electronics The ATS-12F-85-C2-R0 is typically used for: 1. **Network Switches/Routers:** Cooling ASICs and high-speed communication processors. 2. **Embedded Computing:** Managing heat in industrial PCs and single-board computers. 3. **Power Supplies:** Heat dissipation for MOSFETs or power ICs mounted on a PCB.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to pushPIN™ mounting for this size of heat sink?
    • ⤷ How does the T766 thermal interface material compare to standard thermal grease?
    • ⤷ What is the weight of the ATS-12F-85-C2-R0 to ensure PCB weight limits are not exceeded?