ATS-12F-84-C2-R0
AI

The **ATS-12F-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 7.00°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 35.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Components & Design
The "push-pin" series is characterized by its mechanical mounting system, which ensures consistent pressure and thermal contact.
* **Push-Pin Mounting:** This part uses a spring-loaded push-pin mechanism. It requires pre-drilled holes in the PCB. The springs provide the necessary downward force to maintain high-quality contact between the heat sink base and the electronic chip.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a "Phase Change" material that softens when the component heats up, filling microscopic air gaps to improve heat transfer.
* **Fin Geometry:** It features a "Cross-Cut" or straight fin design optimized for high-density airflow environments.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify its specific properties:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) |
| **12F** | Series Identifier (Push-Pin Series) |
| **84** | Specific sizing and fin configuration |
| **C2** | Thermal Interface Material (TIM) and Finish Type |
| **R0** | RoHS Compliance status / Revision |
---
### 4. Application Use-Cases
This heat sink is typically found in:
1. **Telecommunications:** Cooling of ASICs and FPGAs in network switches.
2. **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (due to the secure push-pin mount).
3. **Power Electronics:** Dissipating heat from voltage regulators or power modules.
- ⤷
What is the hole-to-hole distance required on the PCB for this heat sink?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can the push-pins be replaced with metal screws for higher vibration environments?