ATS-12F-80-C2-R0
AI

The **ATS-12F-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for secure mounting on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
Below are the key electronic and physical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-12F-80-C2-R0 |
| **Thermal Resistance** | 1.88°C/W @ 200 LFM (Linear Feet per Minute) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Fins** | High-density Fine Pitch (Square Pattern) |
---
### 2. Design and Construction
This component is engineered to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
* **Heat Sink Material:** Made of Aluminum 6063, which offers high thermal conductivity while remaining lightweight.
* **Fin Style:** It utilizes a **Fine-Pitch** design. This increases the total surface area available for air-to-metal contact, enhancing cooling efficiency in forced-air environments.
* **Blue Anodized Coating:** The blue anodization is not just aesthetic; it provides surface protection against corrosion and slightly improves thermal emissivity.
---
### 3. Mounting and Interface
The "electronic" security of the part relies on its mechanical attachment:
1. **Push-Pin Mechanism:** It uses a brass push-pin with a stainless steel spring. This provides a consistent, high-pressure force against the chip, ensuring optimal thermal contact.
2. **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** (a high-performance phase-change material) or similar, which fills microscopic air gaps between the IC and the heat sink.
3. **Hole Pattern:** Designed for specific PCB hole spacing (typically 20mm to 40mm depending on the exact sub-series) to prevent the sink from shifting during vibration or transport.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (velocity) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Static/Low)** | 7.01 |
| **200 (Moderate)** | 1.88 |
| **400 (High)** | 1.25 |
| **600 (Extreme)** | 0.98 |
---
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does blue anodization compare to black anodization in terms of thermal performance?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?