công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-12F-32-C2-R0

  • AI
    The **ATS-12F-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high thermal performance in confined spaces with low pressure drops. --- ## 1. Technical Specifications Below are the primary mechanical and thermal specifications for this part: | Parameter | Specification | | :--- | :--- | | **Part Number** | ATS-12F-32-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Dimensions (L x W x H)** | 57.90mm x 60.96mm x 12.70mm | | **Thermal Resistance (Flowing Air)** | 2.49°C/W @ 200 LFM | | **Thermal Resistance (Static Air)** | 5.30°C/W | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ## 2. Key Electronic & Design Features ### A. maxiFLOW™ Fin Design The part features a unique "flared" fin geometry. Unlike traditional straight-fin heat sinks, the fins on the ATS-12F-32-C2-R0 branch outward. This design: * Increases the effective surface area for heat dissipation. * Maximizes airflow through the fin field. * Reduces the "pressure drop," making it efficient even with smaller fans. ### B. pushPIN™ Attachment System This component uses the proprietary **pushPIN™** assembly. * **Ease of Install:** It uses a flexible, spring-loaded mechanism that snaps into pre-drilled holes on the PCB. * **Constant Pressure:** The compression springs ensure a consistent and precise pressure is applied to the electronic component (CPU, GPU, or FPGA), which optimizes heat transfer through the TIM. ### C. Thermal Interface Material (TIM) The part comes with **T766** pre-applied to the base. This is a high-performance thermal grease that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering the contact resistance. --- ## 3. Common Applications This heat sink is typically found in high-density electronic environments where vertical clearance is limited (only 12.7mm tall) but high cooling capacity is required: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and single-board computers. 3. **Power Electronics:** Cooling MOSFETs and power modules in compact power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in thermal management?
    • ⤷ How does the pushPIN™ system compare to traditional adhesive thermal tape?
    • ⤷ Can this heat sink be used for passive cooling without a fan?