ATS-12F-29-C2-R0
AI

The **ATS-12F-29-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS)** push-pin heat sink designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 7.57°C/W @ 100 LFM |
| **Footprint (L x W)** | 45.00mm x 45.00mm |
| **Height** | 20.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to describe the physical and thermal characteristics:
* **ATS-12**: Refers to the product series (Push-Pin Heat Sink).
* **F**: Likely indicates the fin density or specific thermal profile.
* **29**: Dimensional code for the footprint (45mm x 45mm).
* **C2**: Indicates the specific thermal interface material (TIM) or surface treatment.
* **R0**: Version/Revision or RoHS compliance indicator.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic system is critical:
* **Heat Dissipation:** It increases the surface area of the component (CPU, GPU, or FPGA), allowing the ambient air to carry away heat more efficiently.
* **Thermal Interface Material (TIM):** This part usually comes with a pre-applied **T766 phase change material**, which fills microscopic air gaps between the component and the heat sink to ensure maximum heat transfer.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism. This provides constant pressure (even load) across the chip, which prevents the heat sink from shifting during vibration or thermal expansion.
---
### 4. Application Use Cases
* **High-Speed Networking:** Cooling for routers and switches.
* **Processors:** Cooling for high-end microcontrollers or small CPUs.
* **Industrial Controls:** Components that operate in high-temperature environments where passive cooling is required.
- ⤷
What are the different thermal interface materials available for this series?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific chip?
- ⤷ What is the weight of the ATS-12F-29-C2-R0?