công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-12F-192-C2-R0

  • AI
    The **ATS-12F-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-density electronic cooling applications. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 45mm x 45mm x 30mm | | **Attachment Method** | pushPIN™ (Brass/Plastic pins) | | **Thermal Resistance** | 2.35°C/W @ 100 LFM | | **Thermal Interface Material** | T766 (Pre-applied thermal grease) | | **Fin Style** | maxiFLOW (Tapered Fin Design) | | **Spring Type** | Stainless Steel (Compression Springs) | --- ### 2. Key Design Features #### A. maxiFLOW™ Fin Geometry Unlike standard straight fins, the maxiFLOW™ design features a flared, tapered fin structure. This increases the effective surface area for heat dissipation while reducing the pressure drop across the heat sink. It is optimized for **forced air cooling** environments. #### B. pushPIN™ Attachment System The part utilizes the ATS pushPIN™ system, which offers several advantages: * **Precision Pressure:** The springs ensure that a constant, uniform pressure is applied between the heat sink and the chip (CPU/FPGA/ASIC). * **Secure Fit:** It uses pre-drilled holes in the PCB to ensure the heat sink does not shift during vibration or shipping. * **Multiple Options:** The "R0" suffix indicates a specific kit that includes different spring and pin options to meet varying PCB thicknesses. #### C. Thermal Interface Material (TIM) The unit comes pre-applied with **T766**. This is a high-performance phase-change material or thermal grease that fills microscopic air gaps between the component and the heat sink base, significantly reducing thermal resistance at the contact point. --- ### 3. Application Use Cases This specific heat sink is typically found in: 1. **Networking Hardware:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Cooling MOSFETs or IGBS modules. 4. **Telecommunications:** 5G infrastructure components and base stations. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between pushPIN and adhesive mounting for this part?
    • ⤷ How does the air flow velocity (LFM) affect the thermal resistance of the ATS-12F-192-C2-R0?
    • ⤷ What are the recommended PCB hole diameters for the pushPIN system?