ATS-12F-182-C2-R0
AI

The **ATS-12F-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, designed for cooling high-power semiconductors.
---
### 1. Technical Specifications
The following table breaks down the critical physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 7.51°C/W (at 1.0 m/s airflow) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Style** | Tapered / maxiFLOW |
| **RoHS Status** | Compliant |
---
### 2. Breakdown of the Part Number
Electronic components like this follow a strict naming convention to denote their physical attributes:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **12F**: Series designation (specific fin geometry and mounting type).
* **182**: Size/Geometry code (relates to the 45mm footprint).
* **C2**: Material/Finish code (indicates blue anodized aluminum).
* **R0**: Revision or specific packaging code.
---
### 3. Key Electronic Functions
While a heat sink is a passive component, it is critical for the survival of active electronic parts:
1. **Thermal Dissipation**: It increases the surface area of a heat-generating component (like a CPU, GPU, or MOSFET), allowing the ambient air to carry heat away more efficiently.
2. **Pressure Application**: The **pushPIN™** mechanism ensures that the heat sink maintains constant, uniform pressure against the electronic chip. This optimizes the performance of the Thermal Interface Material (TIM).
3. **EMI Shielding**: In some configurations, the grounded aluminum body can help reduce Electromagnetic Interference (EMI) emitted by the high-frequency switching of the underlying component.
---
### 4. Typical Applications
This specific size and thermal profile are commonly found in:
* **Network Switches/Routers**: Cooling ASICs and processors.
* **Embedded Computing**: Industrial PCs where airflow might be restricted.
* **Power Supplies**: Managing heat for high-voltage regulators.
---
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How do I calculate if the 7.51°C/W thermal resistance is sufficient for my chip?
- ⤷ Which Thermal Interface Materials (TIM) are recommended for the ATS-12F series?