công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-12F-16-C2-R0

  • AI
    The **ATS-12F-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like processors, FPGAs, and GPUs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Black Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 52.45mm x 52.45mm x 15mm | | **Thermal Resistance** | 1.80°C/W @ 200 LFM | | **Fin Style** | Tapered (maxiFLOW™) | | **Compliance** | RoHS Compliant | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by ATS to identify the physical configuration: * **ATS**: Advanced Thermal Solutions (Brand). * **12**: Part of the series family. * **F**: Denotes a specific fin pattern/pitch. * **16**: Height code (approximately 15mm-16mm). * **C2**: Material and Finish (Aluminum, Black Anodized). * **R0**: Versioning/Revision code. --- ### 3. Key Electronic Functions & Features #### A. Thermal Dissipation The primary electronic role of this part is to conduct heat away from a semiconductor device (the "Junction") to the surrounding air. The **maxiFLOW™** design features a spread fin structure that maximizes surface area and reduces pressure drop, making it ideal for systems with high-density airflow. #### B. pushPIN™ Attachment Mechanism Unlike adhesive-based heat sinks, the "pushPIN" system ensures: * **High Interface Pressure:** Critical for maximizing the efficiency of the Thermal Interface Material (TIM). * **Mechanical Stability:** Prevents the heat sink from shifting during vibration or shipping. * **Reusability:** Allows for easy maintenance of the PCB without damaging the component. #### C. EMI Shielding Characteristics Because the heat sink is made of aluminum and is physically large, it can influence the Electromagnetic Interference (EMI) profile of the board. In some designs, grounding the heat sink through the mounting pins helps mitigate noise from high-speed switching components. --- ### 4. Ideal Applications This component is typically used in the following electronic sectors: 1. **Telecommunications:** High-speed routers and switches. 2. **Computing:** Server blades and industrial PCs. 3. **Power Electronics:** Power converters and motor drives. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between C1 and C2 finish codes in ATS heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Does this model come with pre-applied thermal interface material (TIM)?