công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-12E-101-C2-R0

  • AI
    The **ATS-12E-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, or high-power semiconductors. --- ### 1. Technical Specifications Below is a summary of the key physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 40mm x 40mm x 30mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 6.69°C/W (at 100 LFM) | | **Airflow Direction** | Directional (High-performance fin design) | | **Interface Material** | T766 (Pre-applied Thermal Interface Material) | --- ### 2. Design Characteristics This component incorporates several specialized engineering features: * **maxiFLOW™ Geometry:** The heat sink features a flared fin structure. This design increases the surface area while reducing pressure drop, allowing for maximum heat dissipation in forced-air environments. * **pushPIN™ Attachment:** The "12E" in the part number indicates the use of a specific spring-loaded pin mechanism. This ensures a consistent and secure pressure against the component, which is critical for maintaining thermal contact. * **C2 Version (Material/Finish):** The "C2" suffix typically denotes the **Blue Anodized** finish, which not only provides corrosion resistance but also slightly improves radiative heat transfer. * **R0 Revision:** This indicates the standard production revision of the product. --- ### 3. Electronic Application This part is used in high-density electronic assemblies where space is limited but heat output is high. Common applications include: * **Telecommunications:** Cooling of high-speed networking chips. * **Embedded Systems:** Thermal management for industrial PC processors. * **Power Electronics:** Dissipating heat from large MOSFETs or IGBTs. --- ### 4. Thermal Performance Comparison Thermal resistance decreases as the airflow (measured in Linear Feet per Minute - LFM) increases: | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | **100** | 6.69 | | **300** | 3.20 | | **500** | 2.50 | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between pushPIN and adhesive mounting for heat sinks?
    • ⤷ How do I calculate if this heat sink is sufficient for a 15W component?
    • ⤷ Are there alternative fin designs for natural convection instead of forced air?