công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-12D-101-C2-R0

  • AI
    The **ATS-12D-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits. --- ## 1. Technical Specifications The following table details the physical and thermal properties of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 6.67 °C/W (at 100 LFM) | | **Dimensions (LxWxH)** | 45mm x 45mm x 30mm | | **Pitch** | 1.16mm (Fine Pitch) | | **Compliance** | RoHS and REACH Compliant | --- ## 2. Key Electronic Features ### A. Heat Dissipation Efficiency The "C2" in the part number indicates a specific thermal interface material (TIM) or surface performance. This part is designed for **fine-pitch** applications, meaning it has more fins per inch to maximize surface area, making it ideal for high-velocity airflow environments. ### B. pushPIN™ Attachment System Instead of using messy adhesives or fragile clips, this part uses a precision spring-loaded mechanism: - **Tension Control:** Ensures uniform pressure across the electronic chip to prevent cracking. - **Secure Mounting:** Uses brass components for long-term reliability in high-vibration environments. ### C. Thermal Interface Material (TIM) This model typically comes pre-applied with **T766** thermal phase change material or equivalent, which ensures there are no air gaps between the component and the heat sink. --- ## 3. Dimensional Analysis Below is the geometric layout of the part: | Dimension | Value (mm) | | :--- | :--- | | **Length (A)** | 45.00 | | **Width (B)** | 45.00 | | **Height (C)** | 30.00 | | **Hole Pattern (E)** | 38.00 | | **Hole Pattern (F)** | 38.00 | --- ### Part Number Breakdown `ATS` (Advanced Thermal Solutions) - `12` (Push Pin Series) - `D` (Aluminum) - `101` (Specific Fin Geometry) - `C2` (Thermal Performance Grade) - `R0` (Revision Code)
    ✨ Follow-up Questions
    • ⤷What is the difference between fine-pitch and ultra-fine pitch heat sinks?
    • ⤷ How do I calculate the required airflow (LFM) for this heat sink?
    • ⤷ What tools are needed to install the pushPIN attachment system?