AI

The **ATS-12B-151-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling semiconductors and integrated circuits (ICs). It is manufactured by Advanced Thermal Solutions, Inc. (ATS) as part of their "pushPIN™" line.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Push-Pin) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Brass) |
| **Dimensions** | 35.0mm x 35.0mm x 20.0mm |
| **Thermal Resistance** | 3.93°C/W (at 200 LFM) |
| **Spring Type** | Stainless Steel (Compression) |
| **Interface Material** | T766 (Phase Change Material) |
---
## 2. Key Component Breakdown
### A. Fin Design (Cross-Cut)
This model utilizes a **cross-cut** fin pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This is critical in dense electronic enclosures where the direction of the cooling fan's exhaust might not be perfectly aligned with the heat sink.
### B. Push-Pin Attachment Mechanism
Instead of using adhesive tape or screws, this part uses a **spring-loaded push-pin** system:
* **Ease of Installation:** It snaps into pre-drilled holes on the PCB.
* **Constant Pressure:** The compression springs ensure a consistent force is applied to the thermal interface material (TIM), maximizing heat transfer from the chip to the aluminum.
### C. Thermal Interface Material (T766)
The base comes pre-applied with **T766**, a high-performance thermal pad. This material fills the microscopic air gaps between the heat sink and the electronic component (CPU, FPGA, or GPU), significantly reducing thermal resistance.
---
## 3. Performance Data
Thermal performance is measured by the degree of temperature rise per watt of power (measured in °C/W).
| Air Velocity (LFM) | 100 | 200 | 400 | 600 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (Unducted)** | 6.48 | 3.93 | 2.73 | 2.23 |
---
## 4. Typical Applications
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Networking Gear:** Cooling for routers, switches, and small-form-factor servers.
* **Power Electronics:** High-voltage regulators and power MOSFETs.
---
- ⤷
How do I calculate the required hole diameter on a PCB for the ATS push-pins?
- ⤷ What are the advantages of blue anodized finish over plain aluminum in thermal management?
- ⤷ Can the T766 thermal interface be replaced with standard thermal paste?