ATS-11F-98-C2-R0
AI

The **ATS-11F-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Thermal Resistance** | 1.53° C/W (@ 200 LFM) |
| **Fin Style** | Straight (maxiFLOW™ Tapered) |
| **Compliance** | RoHS Compliant |
---
### 2. Key Electronic Features
#### A. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **ATS-54** thermal interface material. This ensures maximum heat transfer between the electronic chip and the aluminum base by filling microscopic air gaps.
#### B. pushPIN™ Attachment System
This heat sink utilizes a specialized mechanical attachment system:
* **Precision Springs:** Provides consistent pressure to ensure the TIM stays compressed.
* **Hardware:** Includes brass or plastic pins that lock into the PCB, reducing the risk of the heat sink shifting during vibration.
#### C. maxiFLOW™ Design
Unlike standard extruded heat sinks, the maxiFLOW™ profile features a flared fin geometry. This design:
* Increases the surface area for convection.
* Reduces pressure drop, allowing air to flow more freely through the fins even in high-density electronic enclosures.
---
### 3. Application Use Cases
This specific model is typically found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Compact systems requiring passive or active cooling.
* **Power Supplies:** Cooling MOSFETs or power conversion modules.
- ⤷
What is the significance of the 'Blue Anodized' finish for electronic components?
- ⤷ How do I calculate if the 1.53° C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB does not have pushPIN holes?