ATS-11F-92-C2-R0
AI

The part number **ATS-11F-92-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the "pushPIN™" family of thermal management solutions, designed for efficient cooling of electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Heat Sink Type** | Fine-Pitch (High Efficiency) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 16.48 °C/W (at 100 LFM) |
| **Fin Pattern** | XC-CUT (Cross-cut) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of Part Number Nomenclature
The part number can be decoded as follows to understand the specific configuration:
* **ATS:** Brand (Advanced Thermal Solutions).
* **11:** Series (pushPIN™ Heat Sink).
* **F:** Fin profile (indicates specific pitch and density).
* **92:** Size/Configuration code.
* **C2:** Material/Finish (usually indicates Blue Anodized Aluminum).
* **R0:** Revision/Packaging code.
---
### 3. Key Electronic Cooling Features
* **Push-Pin Attachment:** This uses a flexible, spring-loaded mechanism that ensures even pressure across the electronic chip. This prevents damage to delicate silicon while maximizing thermal transfer.
* **XC-CUT Fin Design:** The fins are cross-cut, which allows for multi-directional airflow. This is critical in cramped electronic enclosures where air may not flow in a perfectly straight line.
* **Pre-applied TIM:** It comes with **T766 thermal interface material**, which eliminates the need for manual thermal paste application during PCB assembly.
* **Standard Mounting:** Designed for a hole pattern of 33mm x 33mm, making it compatible with many standard PCB layouts.
---
### 4. Typical Applications
This specific heat sink is commonly used in:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **Embedded Computing:** Industrial PC boards and single-board computers (SBCs).
3. **Power Electronics:** Voltage regulators and power converters that generate significant localized heat.
- ⤷
What are the alternative mounting methods for ATS heat sinks?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What is the recommended airflow for optimal cooling with this model?