ATS-11F-82-C2-R0
AI

The **ATS-11F-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors and integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Blue Anodized Aluminum |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height (Off Base)** | 25.00mm |
| **Thermal Resistance** | 2.49°C/W @ 200 LFM |
| **Fin Style** | Spread Fin (Tapered) |
---
### 2. Key Electronic Features
#### A. Thermal Management (Heat Dissipation)
The primary role of this part is to increase the surface area of an electronic component (like a CPU, FPGA, or MOSFET). The **maxiFLOW™** design features a graduated fin pattern that reduces pressure drop and maximizes airflow through the fins, making it highly efficient for forced-air cooling environments.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system.
- **Benefits:** It provides consistent pressure on the thermal interface material (TIM).
- **Reliability:** It ensures the heat sink remains secure during vibration or shipping.
- **Hardware:** It typically includes a brass or plastic pin and a compression spring.
#### C. Material Properties
- **Aluminum (AL6063):** Chosen for its excellent thermal conductivity-to-weight ratio.
- **Blue Anodization:** Not just for aesthetics; the anodized finish increases surface emissivity and provides corrosion resistance for sensitive electronic environments.
---
### 3. Applications
This specific heat sink is commonly found in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Embedded Computing:** Managing heat in industrial motherboards.
3. **Power Electronics:** Dissipating heat from high-voltage power modules.
---
- ⤷
What is the compatible PCB hole pattern for the pushPIN attachment?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ What thermal interface materials (TIM) are recommended for use with the ATS-11F series?