ATS-11F-75-C3-R0
AI

The **ATS-11F-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *maxiFLOW™* series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and design characteristics.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-11F-75-C3-R0 |
| **Heat Sink Type** | maxiFLOW™ (High Performance) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 20.00mm |
| **Thermal Resistance** | 2.50°C/W (at 200 LFM) |
| **Interface Material** | T412 (Thermal Tape) |
---
### 2. Key Design Features
The "maxiFLOW" design is engineered for maximum surface area and optimized airflow.
* **Tapered Fin Design:** The fins are designed with a graduated profile to increase surface area while minimizing the pressure drop as air passes through the heat sink.
* **Push-Pin Attachment:** It uses a plastic push-pin mechanism with a built-in spring. This ensures consistent pressure between the heat sink and the electronic component (CPU, GPU, or FPGA), which improves thermal conductivity.
* **Pre-Applied Thermal Interface Material (TIM):** The unit comes with **T412** thermal tape pre-applied to the base, simplifying the assembly process and ensuring a reliable bond.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves radiant heat emission.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **11** | Series Number |
| **F** | Fin Style (e.g., Fine/Flared) |
| **75** | Specific footprint/size identifier |
| **C3** | Thermal Interface/Attachment variant |
| **R0** | RoHS Compliant version |
---
### 4. Typical Applications
This heat sink is commonly used in high-heat density electronic environments where space is limited but cooling demands are high:
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** High-speed processing boards.
* **Power Electronics:** Voltage regulators and power modules.
---
- ⤷What is the difference between push-pin and clip-on attachment methods for heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ What are the alternatives to the T412 thermal interface material for better performance?