công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-11F-59-C2-R0

  • AI
    The **ATS-11F-59-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) and other electronic components. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Anodized Blue) | | **Attachment Method** | pushPIN™ (Brass pins with Steel springs) | | **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 20.00mm | | **Thermal Resistance** | 1.80°C/W (at 200 LFM) | | **Fin Style** | Straight (Fine Pitch) | --- ### 2. Component Analysis #### A. The maxiFLOW™ Design This part utilizes a spread-fin geometry. Unlike standard square-cut heat sinks, the maxiFLOW™ profile features a tapered base and flared fins. This design maximizes the surface area for radiant cooling while reducing the pressure drop of the airflow passing through it. #### B. pushPIN™ Attachment System The "R0" suffix refers to the specific attachment kit. The **pushPIN™** system is an alternative to thermal adhesives or clips. * **Stability:** Provides a precise, calculated pressure (Pre-assembled spring) to ensure optimal contact with the TIM (Thermal Interface Material). * **Reliability:** Mechanically secured to the PCB through pre-drilled holes, making it resistant to shock and vibration. #### C. Material and Coating * **Aluminum 6063:** Offers high thermal conductivity while remaining lightweight. * **Blue Anodized Finish:** Provides corrosion resistance and increased emissivity, which slightly improves radiative heat transfer. --- ### 3. Application Use Cases This specific part is typically used in the following electronic environments: 1. **Telecommunications:** Cooling high-speed processors in routers and switches. 2. **Embedded Systems:** Dissipating heat from FPGAs or ASICs where vertical space is limited to 20mm. 3. **Power Electronics:** Managing heat for voltage regulators or power converters. ---
    ✨ Follow-up Questions
    • ⤷What are the specific hole patterns required on the PCB for the pushPIN™ attachment?
    • ⤷ How does the thermal resistance change at higher airflow rates like 500 LFM?
    • ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?