ATS-11F-142-C2-R0
AI

The **ATS-11F-142-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 9.5mm |
| **Attachment Method** | pushPIN™ |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
| **Thermal Resistance** | 4.92°C/W (at 200 LFM) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Electronic Features
#### A. High-Efficiency Fin Geometry
The "maxiFLOW" design uses a flared, tapered fin structure. In electronics, this reduces air pressure drop and increases the surface area for heat dissipation, which is critical for components packed into tight enclosures.
#### B. pushPIN™ Attachment System
Instead of simple adhesive tape, this part uses the **pushPIN™** system.
- **Reliability:** Ensures consistent pressure between the heat sink and the electronic component (TIM - Thermal Interface Material).
- **Security:** Prevents the heat sink from shifting due to vibration or shock, protecting the delicate solder joints of the BGA package.
#### C. Pre-Applied Thermal Interface Material (TIM)
The part typically comes with a high-performance thermal pad or grease pre-applied to the base. This ensures optimal heat transfer from the electronic silicon chip to the aluminum structure without trapped air pockets.
---
### 3. Application Use Cases
* **Networking Equipment:** Used on high-speed switches and routers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Protecting industrial-grade CPUs from thermal throttling.
---
- ⤷
What are the advantages of pushPIN vs. adhesive tape for electronic cooling?
- ⤷ How does the 'maxiFLOW' fin design compare to standard straight fins?
- ⤷ How do I calculate if the 4.92°C/W thermal resistance is sufficient for my specific chip?