ATS-11D-75-C3-R0
AI

The **ATS-11D-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling high-power semiconductors and integrated circuits (ICs).
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Line** | pushPIN™ Heat Sink |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 15.29 °C/W (at 100 LFM) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Weight** | 32 grams |
---
### ### Key Electronic & Mechanical Features
#### 1. Heat Sink Design (Fine Pitch)
The part features a **straight-fin** design. This is optimized for high-velocity airflow environments where air can be forced through the fins to dissipate heat from the electronic component (CPU, FPGA, or GPU) into the surrounding environment.
#### 2. pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this part uses a **push-pin and compression spring** mechanism.
* **Precision Cooling:** Provides consistent pressure across the interface for maximum heat transfer.
* **Reliability:** Prevents the heat sink from shifting during mechanical shock or vibration.
#### 3. Thermal Interface Material (TIM)
The "C3" in the part number indicates that this unit comes pre-applied with **ATS-PPS-01**, a high-performance thermal interface material. This fills the microscopic air gaps between the component and the heat sink.
#### 4. Material Efficiency
The use of **AL6063 aluminum** provides a high thermal conductivity-to-weight ratio, ensuring the electronic assembly does not become overly heavy while maintaining effective cooling.
---
### ### Application Use Cases
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and power modules that generate significant heat in a small footprint.
- ⤷
How do I calculate if this heat sink's thermal resistance is sufficient for my chip?
- ⤷ What are the advantages of blue anodizing over a plain aluminum finish?
- ⤷ What are the alternative push-pin sizes available for different PCB thicknesses?