ATS-11D-72-C2-R0
AI

### Technical Overview: ATS-11D-72-C2-R0
The **ATS-11D-72-C2-R0** is a high-performance **heat sink** assembly manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Body) / Blue Anodized Finish |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Thermal Resistance** | 5.11°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight Fin |
| **Interface Material** | T766 Phase Change Material (Pre-applied) |
---
### 2. Design Components
#### A. The Heat Sink Body
The part is constructed from lightweight aluminum. The blue anodized coating is not just for aesthetics; it provides surface protection and slightly improves thermal emissivity. The **straight fin** design is optimized for unidirectional airflow.
#### B. The Attachment Mechanism (Push-Pin)
The "11D" designation indicates the specific mounting hardware. It utilizes:
* **Plastic Push-Pins:** Quick installation into pre-drilled holes on a PCB.
* **Compression Springs:** These ensure a consistent and reliable downward pressure, which is critical for maintaining contact between the component and the heat sink.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that the unit comes with **T766** pre-applied. This is a phase-change material that transitions into a liquid-like state at operating temperatures, filling microscopic air gaps to significantly reduce thermal impedance.
---
### 3. Thermal Performance Profile
The effectiveness of this part depends heavily on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200** | 5.11 |
| **400** | 3.33 |
| **600** | 2.82 |
---
### 4. Implementation Considerations
* **PCB Hole Pattern:** Requires a specific hole spacing on the motherboard to accommodate the push-pins.
* **Height Clearance:** At 25mm tall, it is a medium-profile sink; ensure no top-side interference with adjacent daughterboards or enclosures.
* **Flow Direction:** Because it uses straight fins, airflow must be directed parallel to the fins for maximum efficiency.
- ⤷
What are the specific PCB hole diameter requirements for this push-pin model?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Is there a cross-cut version of this heat sink for multi-directional airflow?