ATS-11D-41-C2-R0
AI

The **ATS-11D-41-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin style heat sink** designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The part number follows the Advanced Thermal Solutions (ATS) nomenclature, which defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.03°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Brass with Plastic Ends) |
| **Spring Type** | ATS-PPS-11 |
---
## 2. Dimensional Data
Precise sizing is critical for ensuring the heat sink fits within the PCB layout without interfering with surrounding components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 40.00 mm |
| **Width (B)** | 40.00 mm |
| **Height (C)** | 20.00 mm |
| **Pitch (E)** | 45.00 mm |
| **Pitch (F)** | 45.00 mm |
---
## 3. Key Electronic Components & Features
### A. Fin Design
The unit utilizes a **straight-fin** or **cross-cut** design (depending on the specific sub-variant of the 41-series). This maximizes surface area for heat dissipation via convection. The "C2" in the part number indicates a specific thermal interface material or performance grade.
### B. Push-Pin Mounting System
Instead of using adhesive tapes which can degrade over time, this part uses a mechanical **Push-Pin** system:
* **Compression Springs:** Provides consistent pressure for optimal thermal contact.
* **Secure Attachment:** Prevents the heat sink from shifting during vibration or shipping.
* **Hole Pattern:** Requires pre-drilled holes in the PCB (usually 3.0mm diameter).
### C. Thermal Interface Material (TIM)
Most ATS heat sinks in this category come with a **pre-applied Thermal Interface Material**. This fills the microscopic air gaps between the heat sink base and the electronic chip (CPU, GPU, or FPGA), significantly lowering the contact resistance.
---
## 4. Application Use Cases
This component is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PC controllers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Computing:** Secondary chipsets on motherboards.
- ⤷
What are the advantages of blue anodizing on a heat sink beyond aesthetics?
- ⤷ How do I calculate if the 10.03°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the specific hole diameter requirements for the ATS-PPS-11 spring?