công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-11D-29-C2-R0

  • AI
    The **ATS-11D-29-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling in constrained spaces. --- ### 1. Technical Specifications Below is a breakdown of the electronic and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 7.57°C/W (Unducted Flow @ 1.0 m/s) | | **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 20.00mm | | **Thermal Interface Material (TIM)** | T766 (High performance) | | **Fin Style** | maxiFLOW (Tapered fin design) | --- ### 2. Key Electronic Component Features #### A. maxiFLOW™ Fin Geometry Unlike standard extruded heat sinks, the maxiFLOW design uses a spread fin pattern. This reduces pressure drop and increases the surface area for heat dissipation, making it ideal for cooling high-power ICs, CPUs, or FPGAs. #### B. pushPIN™ Attachment System The part uses a specialized "pushPIN" mechanism. In PCB design, this requires pre-drilled holes. The benefit is: * **Constant Pressure:** Ensures uniform contact between the heat sink and the electronic component. * **Reliability:** Resistant to shock and vibration compared to adhesive tapes. #### C. Thermal Interface Material (TIM) The "R0" suffix indicates that the part comes pre-applied with **T766 phase-change material**. This fills microscopic air gaps between the component die and the heat sink base, significantly improving heat transfer efficiency. --- ### 3. Application Use Cases This part is typically found in high-reliability electronic environments: 1. **Telecommunications:** Cooling networking chips in switches and routers. 2. **Embedded Systems:** High-speed processors in industrial controllers. 3. **Power Electronics:** Managing heat for MOSFET arrays or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN attachment system?
    • ⤷ How does the T766 TIM compare to standard thermal grease?
    • ⤷ Can this heat sink be used with active fan cooling?