công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-11B-52-C2-R0

  • AI
    The **ATS-11B-52-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed to provide low thermal resistance and high cooling efficiency for surface-mount components. --- ## Technical Specifications The following table summarizes the key electronic and physical characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Product Type** | Heat Sink (Passive Cooling) | | **Fin Configuration** | maxiFLOW™ (Spread Fin Design) | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 3.18 °C/W (at 200 LFM) | | **Material** | Blue Anodized Aluminum | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm | | **Compatibility** | Standard BGA, LGA, and FPGA packages | --- ## Key Components and Design Features ### 1. maxiFLOW™ Fin Geometry The "C2" in the part number refers to a specific fin configuration. Unlike standard straight fins, the maxiFLOW™ design features a flared/tapered fin structure. This increases the surface area and encourages more turbulent airflow, which significantly improves heat dissipation from the electronic component it is mounted on. ### 2. pushPIN™ Attachment System The **-R0** suffix indicates the inclusion of the pushPIN™ mounting hardware. This system includes: * **Flexible Springs:** Ensure constant pressure (Load) across the electronic chip for optimal thermal interface material (TIM) performance. * **Plastic/Brass Pins:** Secure the heat sink directly to the PCB through pre-drilled holes, preventing the heat sink from shifting during vibration or shipping. ### 3. Material and Thermal Conductivity * **Aluminum Body:** Provides a balance between lightweight design and high thermal conductivity. * **Blue Anodized Finish:** Not only provides corrosion resistance but also improves emissivity, slightly aiding in radiant heat transfer. --- ## Application in Electronics This part is typically found in high-heat density environments such as: * **Telecommunications:** Cooling of high-speed networking chips. * **Embedded Systems:** Protecting CPUs and FPGAs from thermal throttling. * **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the C1 and C2 fin configurations in ATS heat sinks?
    • ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
    • ⤷ Is a Thermal Interface Material (TIM) included with the ATS-11B-52-C2-R0?