công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-1144-C1-R0

  • AI
    The **ATS-1144-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for thermal management of electronic components such as CPUs, GPUs, and FPGAs that generate significant heat during operation. --- ## 1. Core Technical Specifications The "C1" variant typically denotes the material and finish, while "R0" indicates the revision or RoHS compliance status. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (typically Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | Variable based on Airflow (Ducted/Unducted) | | **Mounting Style** | Through-hole (PCB) | | **Fin Style** | Straight Fin | --- ## 2. Key Electronic Components & Features ### A. pushPIN™ Attachment System This is the mechanical interface between the heat sink and the PCB. * **Springs:** Provides a precise amount of pressure (compression) to ensure optimal contact with the electronic chip. * **Plastic/Brass Pins:** Designed to fit into pre-drilled holes on the motherboard or PCB, ensuring the heat sink does not shift under vibration. ### B. Thermal Interface Material (TIM) The base of the ATS-1144-C1-R0 usually comes pre-applied with a high-performance thermal pad or grease. * **Function:** Fills microscopic air gaps between the heat sink and the electronic component (IC), significantly reducing thermal resistance. ### C. Fin Geometry The "Straight Fin" design is optimized for **forced air cooling** (active cooling via fans). * The spacing between the aluminum fins is engineered to minimize pressure drop while maximizing the surface area exposed to the airflow. --- ## 3. Application Use Cases This part is commonly found in the following electronic environments: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical. 3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs). --- ## 4. Integration Diagram (Representation) To integrate this into a design, engineers use the following mounting footprint: ```text [PCB Surface] | [Integrated Circuit / Chip] | [Thermal Interface Material] | [ATS-1144-C1-R0 Heat Sink Base] | [Aluminum Fins] <--- Airflow ---> ```
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (LxWxH) of the ATS-1144-C1-R0?
    • ⤷ What is the recommended airflow rate (LFM) for this specific heat sink?
    • ⤷ Are there alternative attachment methods if the PCB does not have pushPIN holes?