ATS-1104-C1-R0
AI

The **ATS-1104-C1-R0** is a high-performance, ultra-low profile heat sink designed by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, which focuses on providing high-performance cooling for electronic components in space-constrained environments.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Length/Width** | 19.0 mm x 19.0 mm |
| **Height** | 4.0 mm |
| **Thermal Resistance** | 13.5 °C/W (at 200 LFM) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | superGRIP™ Clip and Thermal Pad |
| **Fin Style** | Straight |
---
### 2. Key Electronic & Mechanical Components
#### A. The Heat Sink Body
The main body is constructed from aluminum with a **blue anodized finish**. Anodizing is not just for aesthetics; it provides:
* **Increased Surface Emissivity:** Enhances radiant heat transfer.
* **Corrosion Resistance:** Protects the metal from environmental degradation.
* **Electrical Insulation:** The oxide layer provides minor protection against short-circuiting if it touches exposed traces.
#### B. The superGRIP™ Attachment System
Unlike many consumer heat sinks that use permanent epoxy, the ATS-1104-C1-R0 uses a specialized clip system:
1. **Plastic Frame:** A high-temperature plastic frame snaps onto the electronic component (usually a BGA or CPU/FPGA).
2. **Stainless Steel Clip:** A "C-clip" provides a constant force (pressure), ensuring optimal contact between the heat sink and the chip.
3. **No Hole Mounting:** This system allows the heat sink to be mounted without drilling holes in the PCB, saving valuable board space for traces.
#### C. Thermal Interface Material (TIM)
The "R0" designation typically implies the inclusion of a pre-applied high-performance **thermal pad**. This material fills the microscopic air gaps between the silicon chip and the aluminum base to maximize thermal conductivity.
---
### 3. Common Applications
This part is specifically engineered for cooling dense electronic assemblies:
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Power Supplies:** Cooling small power ICs or MOSFETs.
* **Telecommunications:** Base station hardware where vertical clearance is limited.
---
- ⤷
What are the advantages of the superGRIP attachment over traditional thermal tape?
- ⤷ How does the height of 4mm impact its performance in high-airflow environments?
- ⤷ Are there specific PCB thickness requirements for the clip system used in the ATS-1104-C1-R0?