công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-1101-C1-R0

  • AI
    The **ATS-1101-C1-R0** is a high-performance thermal management component, specifically a **high-aspect-ratio heat sink** designed by Advanced Thermal Solutions (ATS). It is typically used in telecommunications, networking, and industrial computing to cool high-power electronic components like CPUs, FPGAs, or GPUs. --- ### 1. Technical Specifications The part belongs to the **maxiFLOW™** series, which features a flared fin structure to maximize surface area and improve cooling efficiency in constrained airflows. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (typically Blue Anodized) | | **Dimensions** | 41.00mm x 45.00mm | | **Height** | 24.50mm | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Thermal Resistance** | Low (Optimized for high-velocity airflow) | | **Fin Style** | Straight/Flared Fins | --- ### 2. Core Electronic/Thermal Components While the heat sink itself is passive, its design consists of several critical engineering elements: * **Heat Sink Body:** Extruded aluminum designed with a high fin density. The "high aspect ratio" means the fins are tall and thin relative to the base, providing more surface area to dissipate heat into the air. * **Thermal Interface Material (TIM):** The "-R0" suffix often indicates the specific revision or the pre-applied TIM. In this series, a Phase Change Material (PCM) or high-performance thermal pad is usually pre-applied to the base to ensure low contact resistance with the electronic chip. * **maxiGRIP™ Attachment:** This is a mechanical assembly consisting of: * **Plastic Frame Clip:** Replaces the need for holes in the PCB. * **Stainless Steel Spring Clip:** Applies a constant, specific pressure (load) to the component, ensuring the TIM performs optimally without damaging the chip. --- ### 3. Key Electronic Applications This part is specifically engineered for high-heat density electronics where standard heat sinks fail. 1. **Network Switches/Routers:** Cooling ASICs that handle high-speed data. 2. **Power Supplies:** Cooling MOSFETs or power modules in dense configurations. 3. **Embedded Systems:** Used where vertical space is limited but high thermal dissipation is required. --- ### 4. Installation Overview The assembly is designed to be tool-less to reduce the risk of PCB damage during manufacturing. ```bash # General Installation Steps: 1. Align the maxiGRIP plastic frame over the component. 2. Snap the frame onto the component/PCB. 3. Place the ATS-1101-C1-R0 heat sink into the frame. 4. Engage the metal spring clip to lock the assembly in place. ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this heat sink at 200 LFM?
    • ⤷ Does the maxiGRIP attachment require holes in the PCB?
    • ⤷ Can this heat sink be used with customized thermal interface materials?