ATS-10F-59-C2-R0
AI

The **ATS-10F-59-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Detail |
| :--- | :--- | :--- |
| **Part Number** | ATS-10F-59-C2-R0 | Standard Product Series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Fin Style** | Straight Fin | Optimized for high-velocity airflow |
| **Attachment Method** | pushPIN™ | Spring-loaded plastic/brass pins |
| **Thermal Resistance** | ~7.90° C/W | Measured at 200 LFM (linear feet per minute) |
| **Surface Finish** | Blue Anodized | Increases surface area and prevents corrosion |
| **Dimensions** | 40mm x 40mm x 20mm | Standard square footprint |
---
### 2. Key Electronic Components
The assembly consists of three primary mechanical/electronic-support parts:
1. **The Heat Sink Body:** A blue-anodized aluminum block with "Straight Fins." This design allows air to pass through easily, transferring heat from the base (which touches the chip) to the surrounding environment.
2. **The Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** (a high-performance thermal phase-change material). It fills microscopic air gaps between the heat sink and the electronic component to maximize heat transfer.
3. **The pushPIN™ Mechanism:** A high-tension spring system that ensures "Constant Pressure." In electronics, consistent pressure is vital because it prevents the heat sink from shifting and maintains a thin, efficient bond line with the silicon die.
---
### 3. Application Use Cases
This specific model is typically found in:
* **Networking Hardware:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
---
### 4. Selection Criteria (Engineering Note)
When integrating this part into a PCB design, engineers must account for the **Pressure Drop**. Because the fins are straight, this heat sink is best used in "Forced Convection" environments where a fan is actively pushing air through the fins.
- ⤷
What is the thermal conductivity of the T766 phase-change material used in this part?
- ⤷ How does the pushPIN™ attachment compare to adhesive thermal tapes?
- ⤷ What are the specific hole diameter requirements for the PCB mounting?