ATS-10F-50-C2-R0
AI

The **ATS-10F-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation in integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10F-50-C2-R0 |
| **Heat Sink Type** | PushPIN™ - Fine Pitch |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.90°C/W (at 100 LFM) |
---
## 2. Dimensional Data
Precise dimensions are critical for PCB layout and ensuring the part does not interfere with neighboring components.
* **Size (L x W):** 30mm x 30mm
* **Height:** 15mm (Low profile for compact builds)
* **Pitch:** Fine Pitch (Optimized for high-velocity airflow)
* **Mounting Holes:** Specifically spaced to match standard industry layouts for push-pin attachments.
---
## 3. Key Electronic/Thermal Features
### A. PushPIN™ Attachment System
This part uses a specialized **Push-Pin and Spring** mechanism. In electronics, this is preferred over adhesive tapes because:
* It provides constant pressure (Interface Pressure) for better thermal contact.
* It allows for secure mounting in high-vibration environments.
* It is easily removable for chip inspection or rework.
### B. Thermal Performance
The "Fine Pitch" design increases the surface area available for heat transfer. The **C2** in the part number indicates a specific thermal interface material (TIM) or performance grade, while **R0** typically signifies the RoHS compliance status and revision level.
### C. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides:
* **Increased Surface Emissivity:** Improves radiant heat transfer.
* **Corrosion Resistance:** Protects the aluminum from oxidation in various operating environments.
---
## 4. Typical Applications
* **Microprocessors (CPUs/GPUs):** Small form factor chips requiring active or passive cooling.
* **FPGAs & ASICs:** High-speed logic chips that generate significant localized heat.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
- ⤷
What are the recommended push-pin hole sizes for this specific model?
- ⤷ How does the thermal resistance change at different airflow velocities (LFM)?
- ⤷ Is a pre-applied Thermal Interface Material (TIM) included with this part number?